PART |
Description |
Maker |
NTP75N03-06 NTB75N03-06 NTB75N03-06T4 NTP75N03-006 |
Power MOSFET 75 75Power MOSFET 75 75 Power MOSFET 75 Amps, 30 Volts N-Channel TO-220(75A,30V,N通道,TO-220封装的功率MOSFET) Power MOSFET 75 Amps, 30 Volts N−Channel TO−220 and D2PAK
|
ONSEMI[ON Semiconductor]
|
NTD24N06L NTD24N06L-1 NTD24N06L-1G NTD24N06LG NTD2 |
Power MOSFET 24 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 24 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24Amps, 60Volts Logic Level N-Channel DPAK(24A, 60 V,逻辑电平,N通道,DPAK封装的功率MOSFET) Power MOSFET 24 Amps, 60 Volts Logic Level, N−Channel DPAK
|
ON Semiconductor
|
NTB45N06G NTB45N06T4G NTP45N06G |
Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 800 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
NTMD3P03R2-D NTMD3P03R2 NTMD3P03R2/D |
Power MOSFET -3.05 Amps-30 Volts Power MOSFET -3.05 Amps, -30 Volts Dual P?Channel SO(-3.05 A, -30 V,双P通道,SO-8封装的功率MOSFET) Power MOSFET -3.05 Amps, -30 Volts Dual P-Channel SO-8
|
ON Semiconductor
|
NTB75N03-06T4G NTB75N03-06G NTB75N03-006 NTB75N03- |
75 A, 30 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET LEAD FREE, CASE 418AA-01, D2PAK-3 Power MOSFET 75 Amps, 30 Volts
|
ON Semiconductor
|
MTY55N20E |
OBSOLETE - Power MOSFET 55 Amps, 200 Volts N?Channel Power MOSFET
|
ON Semiconductor
|
MTY25N60E |
OBSOLETE - Power MOSFET 25 Amps, 600 Volts N?Channel Power MOSFET
|
ON Semiconductor
|
MTY20N50E |
N?Channel Power MOSFET Power MOSFET 20 Amps, 500 Volts
|
ON Semiconductor
|
NTP18N06L NTB18N06LT4 NTB18N06LT4G NTB18N06L |
Power MOSFET 15 Amps, 60 Volts, Logic Level (N−Channel TO−220 and DPAK) 15 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 15 Amps, 60 Volts, Logic Level (N−Channel TO−220 and DPAK) Power MOSFET 15 Amps, 60 Volts, Logic Level N-Channel, D2 Pak
|
Microsemi, Corp. ONSEMI[ON Semiconductor]
|
NTMS5P02R206 NTMS5P02R2G NTMS5P02R2 |
Power MOSFET -5.4 Amps, -20 Volts 3950 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ONSEMI[ON Semiconductor]
|
NTB75N03L09 NTB75N03L09G NTB75N03L09T4 NTP75N03L09 |
Power MOSFET 75 Amps, 30 Volts N-Channel TO-220 and D2PAK Power MOSFET 75 Amps, 30 Volts N-Channel D2PAK
|
ONSEMI[ON Semiconductor]
|
|